PART |
Description |
Maker |
HUF76633S3S HUF76633P3 FN4693 HUF76633P3T |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 38A I(D) | TO-220AB 38A, 100V, 0.036 Ohm, N-Channel, Logic 38A, 100V, 0.036 Ohm, N-Channel, Logic From old datasheet system 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
2SJ555 2SJ555-E |
60 A, 60 V, 0.036 ohm, P-CHANNEL, Si, POWER, MOSFET Silicon P Channel MOS FET
|
Renesas Electronics Corporation
|
2SK3781-01R |
DIODE SCHOTTKY SINGLE 25V 200mW 0.33V-vf 200mA-IFM 2mA-IF 0.5uA-IR SOD-323 3K/REEL 73 A, 200 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
SC0365.SERIES 2598 |
SCHOTTKY DIE 036 x 036 mils From old datasheet system
|
International Rectifier
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
AUIRF7640S2TR AUIRF7640S2TR1 |
DirectFET Power MOSFET 5.8 A, 60 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET DirectFETPower MOSFET
|
International Rectifier
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
TDA1566 |
I2C-bus controlled dual channel 46 W/2 Ohm, single channel 92 W/1 Ohm amplifier with load diagnostic
|
Philips Semiconductors
|
IRF9643-001PBF IRF9643-003PBF IRF9643-005PBF IRF96 |
9 A, 150 V, 0.7 ohm, P-CHANNEL, Si, POWER, MOSFET 8.7 A, 350 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 1.75 A, 150 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 1.75 A, 200 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 27 A, 100 V, 0.099 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 3 A, 100 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 150 V, 2.4 ohm, P-CHANNEL, Si, POWER, MOSFET 2.5 A, 100 V, 1.6 ohm, P-CHANNEL, Si, POWER, MOSFET 3.5 A, 150 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 11 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
VISHAY INTERTECHNOLOGY INC
|
2SK2896-01L 2SK2896-01S |
CAN2DC-79SF0 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Connector,D-Shell,Cable Mnt,PLUG,79 Contacts,SKT,0.075 Pitch,#4-40 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel MOS-FET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
|